Part Number Hot Search : 
MG600 1N5280 1N5280 1810ADM1 LM24014H MAX1742 PKN030CA F6051
Product Description
Full Text Search
 

To Download 2N2904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/290 Devices 2N2904 2N2904A 2N2904AL 2N2905 2N2905A 2N2905AL Qualified Level JAN JANTX JANTXV JANS
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = +250C (1) @ TC = +250C (2) Operating & Storage Junction Temp. Range
Symbol
VCEO VCBO VEBO IC PT TJ, Tstg
2N2904 2N2904A, L 2N2905 2N2905A, L
40 60 60 5.0 600 0.6 3.0 -65 to +200 Max. 0.29
Unit
Vdc Vdc Vdc mAdc W W 0 C Unit C/mW TO-39* (TO-205AD) 2N2904, 2N2904A 2N2905, 2N2905A
THERMAL CHARACTERISTICS
Characteristics Symbol Thermal Resistance, Junction-to-Case RJC 1) Derate linearly 3.43 W/0C for TA > +250C 2) Derate linearly 17.2 W/0C for TC > +250C
0
TO-5* 2N2904AL, 2N2905AL
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = +250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Emitter Cutoff Voltage VCE = 40 Vdc VCE = 60 Vdc Collector-Base Cutoff Current VCB = 50 Vdc VCB = 60 Vdc Emitter-Base Cutoff Current VEB = 3.5 Vdc VEB = 5.0 Vdc 2N2904, 2N2905 2N2904A, L, 2N2905A, L 2N2904, 2N2905 2N2904A, L, 2N2905A, L 2N2904, 2N2905 2N2904A, L, 2N2905A, L All Types V(BR)CEO ICES 40 60 1.0 1.0 Vdc
Adc
ICBO
20 10 10 50 10
Adc Adc Adc Adc
IEBO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N2904, 2N2904A, 2N2904AL, 2N2905, 2N2905A, 2N2905AL JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc 2N2904 2N2905 2N2904A, 2N2904AL 2N2905A, 2N2905AL 2N2904 2N2905 2N2904A, 2N2904AL 2N2905A, 2N2905AL 2N2904 2N2905 2N2904A, 2N2904AL 2N2905A, 2N2905AL 2N2904, 2N2904A, L 2N2905, 2N2905A, L 2N2904 2N2905 2N2904A, 2N2904AL 2N2905A, 2N2905AL 20 35 40 75 25 50 40 100 35 75 40 100 40 100 20 30 40 50
IC = 1.0 mAdc, VCE = 10 Vdc
175 450 175 450
IC = 10 mAdc, VCE = 10 Vdc
hFE
IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc
120 300
Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
0.4 1.6 1.3 2.6
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Cutoff Frequency IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N2904 2N2905 2N2904A, 2N2905A 2N2904AL, 2N2905AL Small-Signal Cutoff Frequency, Magnitude IC = 50 mAdc, VCE = 20 Vdc, f = 100 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 2.0 Vdc, IC = 0, 100 kHz f 1.0 MHz 25 50 40 100 2.0 8.0 30 pF pF
hfe
hfe Cobo Cibo
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 150 mAdc; IB1= 15 mAdc Turn-Off Time VCC = 30 Vdc; IC = 150 mAdc; IB1 = IB2 = 15 mAdc (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on
45 300
s s
t
off
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N2904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X